Part Number Hot Search : 
2000W GI1PB ZPS02 P75NF AN6357N MAX1030 76139S RT8238B
Product Description
Full Text Search
 

To Download 800150MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  26 0.8 mm specifications: 10~200 circuits insulator material max processing temp terminal material plating max. current rating voltage rating dielectric strength : black high temp. plastic : phosphor bronze : selective plated (gold/tin) latch - tin plated : 0.5 a : 100v ac : 500v (min. 60 seconds) 800150MA series order information recommended p.c.b. layout dimensional information suyin p/no. dim.a 11.3 15.3 19.3 23.3 31.3 35.3 39.3 47.3 55.3 63.3 71.3 79.3 87.3 dim.b 3.2 7.2 11.2 15.2 23.2 27.2 31.2 39.2 47.2 55.2 63.2 71.2 79.2 dim.c 8.2 12.2 16.2 20.2 28.2 32.2 36.2 44.2 52.2 60.2 68.2 76.2 84.2 dim.d 8.8 12.8 16.8 20.8 28.8 32.8 36.8 44.8 52.8 60.8 68.8 76.8 84.8 0.8 mm pitch surface mount plug type (plastic height:8.0mm) 12 3 45 1. 'a' : straight smt type 2. no. of pins 3. plating 4. color 'z' : black 5. package 'u' : tube package without cap 'r' : reel package with cap 't' : tube package with cap reference page 11


▲Up To Search▲   

 
Price & Availability of 800150MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X